Part Number Hot Search : 
B3916 LPC1313 HE13002 10030 S5F325NU 68HC0 B3916 10191
Product Description
Full Text Search
 

To Download BAT54SW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
BAT54SW
SOT-323 SURFACE MOUNT SCHOTTKY BARRIER DIODE
FEATURES
* Low forward voltage drop * Fast switching * Uitra - small surface mount package * PN Junction guard ring for transient and ESD protection Marking: KL8
SOT-323
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.006 gram
0.006(0.15) 0.003(0.08)
0.053(1.35) 0.045(1.15)
0.043(1.10) 0.035(0.90) 0.004(0.10) 0.000(0.00)
REF 0.021(0.53)
0.016(0.40) 0.008(0.20)
0.096(2.45) 0.085(2.15)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified.
0.055(1.40) 0.047(1.20)
0.087(2.20) 0.079(2.00)
Dimensions in inches and (millimeters) MAXIMUM RATINGS ( @ TA = 25 C unless otherwise noted ) CHARACTERISTICS Peak repetitive reverse voltage working peak reverse voltage DC blocking voltage Forward contiunous current (Note 1) Repetitive peak forward current (Note 1) Forward surge current (Note 1) Power dissipation (Note 1) Thermal resistance, Junction to ambient air (Note 1) Operating and storage temperature range
o o
SYMBOL VRRM
VALUE 30 30 30 200 300 600 200 625 -65~+125
UNITS
VRWM VR IF IFRM
@ t < 1.0 s
V
A A A W /
o
IFSM PD RJA Tj, Tstg
C
ELECTRICAL CHARACTERISTICS ( @ TA = 25 C unless otherwise noted ) CHARACTERISTICS Reveres breakdown voltage (IRS= 100A) (IF= 0.1mA) (IF= 1mA) Forward voltage (Note 2) (IF= 10mA) (IF= 30mA) (IF= 100mA) Reverse leakage current (VR= 25V) (Note 2) Junction capacitance (VR= 1.0V, f= 1.0MHz) Reveres recovery time (IF=10mA through IR=10mA to IR=1.0mA,RL=100) Notes: 1. Valid provided that terminals are kept at ambient temperature. 2. tp <300s, duty cycle <2%. DS30065 Rev. 2P-1 SYMBOL V(BR)R MIN 30 TYP MAX 240 320 400 500 1000 2.0 10 5.0 A
PF
UNITS V
VF
-
mV
IR Cj trr
-
ns 2006-3
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit.
Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.
RECTRON


▲Up To Search▲   

 
Price & Availability of BAT54SW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X